Part Number Hot Search : 
L78M0 SF1101A KBPC6 D6L60HT 2N1008 74476402 UM5123 55C60B
Product Description
Full Text Search
 

To Download C6080-13 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UV POWER METERS
C6080 SERIES
A Wide Lineup of 248 nm, 365 nm and 436 nm Type
The C6080 series is a compact UV power meter specifically designed to measure the intensity of UV radiation emitted from the light guide output end of a UV spot light source. The C6080 uses a UV sensor that exhibits stable sensitivity even after long exposure to UV radiation, allowing reliable measurement with good repeatability. As a useful option, an adapter for clamping the light guide output end is also available.
FEATURES
GCompact and lightweight GExcellent accuracy GAbsolute value display of UV intensity (mW/cm2) GEasy-to-read digital display GSensor head isolated from display unit allows flexible measurement. G200-hours continuous operation by 9 V battery (006P) GExternal output (analog output)
APPLICATIONS
GUV intensity measurement of UV curing and UV ink light sources GUV intensity measurement of various UV spot light sources
Figure 1: Spectral Response Characteristics
IC6080-02
TPT B0013EA
IC6080-03, -13
TPT B0006EB
IC6080-04
TPT B0014EA
100 90 80
100 90 80
100 90 80
RELATIVE SENSITVITY (%)
RELATIVE SENSITVITY (%)
70 60 50 40 30 20 10 0 220
70 60 50 40 30 20 10 0 300
RELATIVE SENSITVITY (%)
320 340 360 380 400 420
70 60 50 40 30 20 10 0 360
230
240
250
260
270
280
380
400
420
440
460
480
500
520
WAVELENGTH (nm)
WAVELENGTH (nm)
WAVELENGTH (nm)
Subject to local technical requirements and regulations, availability of products included in this promotional material may vary. Please consult with our sales office. Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions. Specifications are subject to change without notice. No patent rights are granted to any of the circuits described herein. (c)2003 Hamamatsu Photonics K.K.
UV POWER METERS C6080 SERIES
SPECIFICATIONS
Parameter Sensitive Area Sensitive Wavelength Range Calibrated Wavelength Optical Power SENS. L Measurement Range * SENS. H Display Sampling Interval External Output (analog) Operating Temperature Range Power Requirement Current Consumption Sensor Head (including cable) Weight Display Unit (including battery) Carrying Case Size (W x H x D) C6080-02 6 230 to 270 248 C6080-03 320 to 400 320 to 400 365 365 1 to 1999 10 to 19990 0.1 to 199.9 1 to 1999 3*1/2 digits Liquid crystal digital display 2.5 1.000 V per liquid crystal display "1000" 0 to +50 9 V battery (006P) 1 piece 2 Approx. 100 Approx. 200 330 x 70 x 230 C6080-04 1 380 to 480 436 C6080-13 Unit mm nm nm mW/cm2 -- times/s -- C -- mA Max. g mm
* Sensitivity is calibrated at the specific calibration wavelength, so the display value may vary when used to measure light source emissions on a different spectrum. This is the recommended calibration period (every 1 year) when high reliability is required. Please contact to our sales office for re-calibration fee.
Figure 2: Dimensional Outline (Unit: mm)
SENSOR HEAD DISPLAY UNIT
37 80
SENSOR HEAD CONNECTOR
39
145 SENSITIVITY SELECTOR
ZERO ADJUST TRIMMER SENSITIVE AREA 6 (-02 ONLY) 1 (OTHER TYPES) POWER ON/OFF CABLE LENGTH 1m 20
EXTERNAL OUTPUT CONNECTOR* ( 3.5 EARPHONE JACK)
mw cm2
HOLD SWITCH
* External output connector plug: PJ-3057-P (Sato Parts) or equivalent
TPT A0021EC
Figure 3: Light Guide Clamp Adapter (Option) Dimensional Outline (Unit: mm)
1 39 17 46 20 LIGHT GUIDE CLAMP SCREW (M3) 7 (E8718-01) 6 (E8718-02)
SENSOR HEAD 6
5 SENSOR HEAD CABLE Bottom View Side View Top View LIGHT GUIDE RECEPTACLE SENSOR HEAD CLAMP SCREW (M3)
Adapter Applicable Outer Diameter Type No. of The Light Guide End 7 mm E8718-01 6 mm E8718-02
TPT A0027EA
* Adapters for furcated light guide are also available. * This adapter is designed to measure UV intensity under constant conditions, at a point 10 mm away from the light guide output end.
WEB SITE http://www.hamamatsu.com HAMAMATSU PHOTONICS K.K., Electron Tube Center 314-5, Shimokanzo, Toyooka-village, Iwata-gun, Shizuoka-ken, 438-0193, Japan, Telephone: (81)539/62-5248, Fax: (81)539/62-2205
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P. O. Box 6910, Bridgewater. N.J. 08807-0910, U.S.A., Telephone: (1)908-231-0960, Fax: (1)908-231-1218 E-mail: usa@hamamatsu.com Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49)8152-375-0, Fax: (49)8152-2658 E-mail: info@hamamatsu.de France: Hamamatsu Photonics France S.A.R.L.: 8, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: (33)1 69 53 71 00, Fax: (33)1 69 53 71 10 E-mail: infos@hamamatsu.fr United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road Welwyn Garden City Hertfordshire AL7 1BW, United Kingdom, Telephone: 44-(0)1707-294888, Fax: 44(0)1707-325777 E-mail: info@hamamatsu.co.uk North Europe: Hamamatsu Photonics Norden AB: Smidesvagen 12, SE-171-41 SOLNA, Sweden, Telephone: (46)8-509-031-00, Fax: (46)8-509-031-01 E-mail: info@hamamatsu.se TPT 1005E06 Italy: Hamamatsu Photonics Italia: S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39)02-935 81 733, Fax: (39)02-935 81 741 E-mail: info@hamamatsu.it
MAY 2003 IP (0202) Printed in Japan (1000)


▲Up To Search▲   

 
Price & Availability of C6080-13

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X